netcommander 19" console w/ 16-port cat5 ip kvm switch model number: B070-016-19-IP description tripp lite's B070-016-19-IP, netcommander rackmount console ip kvm switch, is a cost effective and highly flexible system for controlling up to 256 computers from either a single 19" lcd display console, or, from a remote location. the number of connected computers can be increased by cascading additional tripp lite b072-008-1 or b072-016-1 kvm switches. switching between attached servers can be accomplished via the on screen display (osd) or hotkey commands. utilizing tripp lite b078-101-series server interface units, kvm cabling is kept to a minimum via cat5e/6 patch cables. servers can be located up to 100 ft. from the switch. password feature provides additional security to prevent unauthorized access to attached computers. all rackmount hardware is included, and is designed for easy, one person installation. fits into any rack from 27" to 42" deep. 2-post rackmounting available using tripp lite's b019-000. compatible with all major operating systems. (mac not compatible over ip) constructed of heavy-duty steel housing. features 16-port cat5 ip kvm switch with built-in 19" lcd monitor, keyboard, and mouse supports resolutions up to 1366 x 768 connect and control up to 256 computers supports the highest security standards for encryption ( 128-bit ssl and https ) advanced osd management with multi-layer security for local users standard eia 19" rackmounting use in racks from 27" to 42" deep osd menu for intuitive operation and easy control usb and ps/2 mouse/keyboard support password protection and auto-logout features firmware upgradeable hot-swappable: disconnect and reconnect usb computers w/o reboot easy port selection via on screen display (osd) or hotkey commands highlights 16-port cat5 ip kvm switch with built-in 19" lcd monitor, keyboard, and mouse expandable: connect and control up to 256 computers compatible with all major operating systems (mac not compatible over ip) system requirements ps/2 or usb computer / server (1) b078-101-ps2 (ps/2) or b078-101-usb (usb) server interface unit is required for each connected computer/server compatible with all major operating systems. (mac not compatible over ip) compatible with internet explorer 6 and later, and firefox 3.x package includes B070-016-19-IP 16-port kvm 19" lcd console power cord serial firmware upgrade cable kvm/console jumper cable owners manual cd 1 / 3
easy port selection via on screen display (osd) or hotkey commands rugged ball bearing slides offer long life usage uses readily availabe cat5/5e/6 patch cables to locate computers up to 100 ft. from the kvm compatible with all major operating systems (mac not compatible over ip) compatible with internet explorer 6 and later, and firefox 3.x constructed of heavy-duty steel housing specifications overview # of users 1 console yes port control hotkeys, osd max cpu 256 pc/server vga; usb; ps/2 cat5 kvm switch yes ip remote access yes, built in input electrical consumption (line mode) 30w / (standby mode) 5w nominal input voltage description internal switching 100-240 vac 50/60hz physical unit dimensions (hwd/in) 1.7" x 19" x 26.8" unit dimensions (hwd/cm) 4.32 x 48.26 x 68.07 unit weight (lbs) 37.5 unit weight (kg) 17.01 color black style 1u rackmount console lcd monitor (in.) 19 lcd monitor (cm) 48.26 environmental storage temperature range -40f to 158f relative humidity 80% non-condensing relative humidity operating temperature 32f to 104f btus (line mode) 102 btu/hr / (standby mode) 17.06 btu/hr 2 / 3
connections ports 16 features/specifications autoscan (y,n) y autoscan duration variable warranty product warranty period (worldwide) 1-year limited warranty related items required products model number description qty. b078-101-ps2 kvm switch accessories - netcommander ps2 server interface module 1 b078-101-usb-1 kvm switch accessories - netcommander usb server interface module 1 optional products model number description qty. wext-kvm-c1 1-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-c2 2-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-c3 3-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-c4 4-year warranty extension - for select kvm switches (see specific models for eligibility) 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/B070-016-19-IP . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 3 / 3
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? B070-016-19-IP
|